PART |
Description |
Maker |
MX26LV800ABXBC-55G MX26LV800ABXBC-70G MX26LV800ATX |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 16 FLASH 3V PROM, 55 ns, PDSO48 8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 16 FLASH 3V PROM, 55 ns, PBGA48
|
Macronix International Co., Ltd. http://
|
29LV800BB-90 29LV800BB-70 MX29LV800BTXBC-90G MX29L |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
http:// Macronix International
|
27C8100-12 |
8M-BIT [1M x8/512K x16] CMOS OTP ROM 800万位[100万x8/512K x16]检察官办公室的CMOS光盘
|
Macronix International Co., Ltd.
|
MX29LV800BXBI-70 MX29LV800TXBI-70 MX29LV800BTI-90 |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 240 x 320 pixel format (portrait mode), Compact LCD size 25 A 35V Schottky Rectifier; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 25 A 35V Schottky Rectifier; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 512K X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Macronix International Co., Ltd.
|
MX27C8100PC-20 27C8100-10 27C8100-12 27C8100-15 27 |
8M-BIT [1M x8/512K x16] CMOS OTP ROM
|
MCNIX[Macronix International]
|
EM6160FR16AW-12LF EM6160FV16AW-12LF EM6161FR16AW-1 |
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Sol... Emerging Memory & Logic Solutions Inc Emerging Memory & Logic...
|
MX27C4111 MX27C4111MC-10 MX27C4111MC-12 MX27C4111M |
4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE 256K X 16 OTPROM, 90 ns, PDIP40 SIGN, NO SMOKING, 250X350MM, RP; RoHS Compliant: NA
|
Macronix International Co., Ltd. PROM MCNIX[Macronix International]
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
KM23C8105ET KM23C8105DET KM23C8105DT |
8M-Bit (1Mx8 /512Kx16) CMOS Mask ROM
|
Samsung Semiconductor
|
KM23C8000D KM23C8000DG |
8M-Bit (1Mx8) CMOS Mask ROM(8M1Mx8) CMOS掩膜ROM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|